PART |
Description |
Maker |
LA6565VR |
Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
|
http:// Sanyo Semicon Device
|
M56759AFP M56759FP |
4-CHANNEL ACTUATOR DRIVER
|
Mitsubishi Electric Corporation
|
M56783 M56783AFP |
3 CHANNEL ACTUATOR DRIVER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M63000SP M63000 |
4-CHANNEL ACTUATOR MOTOR DRIVER
|
Mitsubishi Electric Semiconductor
|
2SK2963 |
N CHANNEL MOS TYPE (HIGH SPEED, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
|
Toshiba Semiconductor
|
2SK261106 2SK2611 |
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK286206 2SK2862 |
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK260106 2SK2601 |
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK260606 2SK2606 |
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK291606 2SK2916 |
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR1 |
Increment/Decrement Digital Potentiometer 2-Channel/ 256-Position Digital Potentiometer TRIM POT ST-32TG 20 OHMS Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|